PART |
Description |
Maker |
STMPE16011 |
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
|
STMicroelectronics
|
STMPE2403 STMPE2403TBR |
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
|
STMicroelectronics
|
MM1369 MM1369AD |
Q Xpander Processors
|
MITSUMI ELECTRIC
|
MM1326 MM1354 MM1369 MM1354AD MM1354AJ MM1354BD MM |
Q Xpander Processors From old datasheet system
|
MITSUMI[Mitsumi Electronics, Corp.] Mitsumi Electronics, Co...
|
DAC08Q DAC08RC/883 DAC08EQ DAC08AQ |
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface) PARALLEL, 8 BITS INPUT LOADING, 0.085 us SETTLING TIME, 8-BIT DAC, CQCC20 8-Bit/ High-Speed/ Multiplying D/A Converter (Universal Digital Logic Interface) 8-Bit/ High Speed/ Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc.
|
REC30-4815SRWB REC30-1205DRWB REC30-1205SRWB REC30 |
High Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register 16-PDIP -55 to 125 30英寸× 2英寸 High Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register 16-SOIC -55 to 125 30英寸× 2英寸 High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counter with Asynchronous Reset 16-SOIC -55 to 125 30英寸× 2英寸 30 Watt 2 inch x 2 inch Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
BC858C Q62702-C1773 Q62702-C1774 BC856-BC860 Q6270 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-PDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
SAB8088 Q67120-C106 Q67120-C213 Q67120-C249 SAB808 |
8-Bit Microprocessing High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-PDIP -55 to 125 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:6; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 TV 6C 6#22D PIN PLUG
|
SIEMENS AG Siemens Semiconductor G...
|
MC54_74F181 MC74F181N MC54F181N ON1254 |
4-BIT ARITHMETIC LOGIC UNIT FAST] SCHOTTKY TTL 4-BIT ARITHMETIC LOGIC UNIT FAST SCHOTTKY TTL From old datasheet system
|
ON Semi MOTOROLA[Motorola Inc]
|
SMBJ5.0A SMBJ51A SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Static Shift Register 16-CDIP -55 to 125 CMOS Dual 4-Bit Latch 24-SO -55 to 125 High Speed CMOS Logic Octal D-Type Positive-Edge Triggered Inverting Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 CMOS Dual BCD Up-Counter 16-SOIC -55 to 125 High Speed CMOS Logic 10-to-4 Line Priority Encoder 16-CDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 Replaced by VSP2560 : 10-bit, 21 MSPS 1-Channel AFE for CCD Sensors 48-TQFP Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors 硅雪崩二极管- 600W表面贴装瞬态电压抑制器 CMOS Dual Monostable Multivibrator 16-TSSOP -55 to 125 硅雪崩二极管- 600W表面贴装瞬态电压抑制器
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
AM29SL400CT100REI AM29SL400CT150WAF AM29SL400CB120 |
CAP 150UF 4V 20% TANT SMD-7343-30 TR-7 M16C Series, 6N4 Group, 3-ch IEBus, 3-phase PWM, CRC 100P6Q-A; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal InvertingTransparent Latch with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 110 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48
|
Spansion Inc. Spansion, Inc. Xicon Passive Components Amphenol, Corp.
|